| 전자부품 데이터시트 검색엔진 |
|
M95080-DWMF4TG 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-DWMF4TG 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 42 page ![]() DocID024205 Rev 8 25/42 M95080-A125 M95080-A145 Instructions 41 The instruction is discarded, and is not executed, under the following conditions: • If a Write cycle is already in progress • If the Block Protect bits (BP1,BP0) = (1,1) • If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied. |