| 전자부품 데이터시트 검색엔진 |
|
M95080-DWMF4TG 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-DWMF4TG 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 42 page ![]() Package mechanical data M95080-A125 M95080-A145 38/42 DocID024205 Rev 8 9.3 WFDFPN8 package information Figure 24. WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package outline 1. Drawing is not to scale. 2. The central pad (the area E2 by D2 in the above illustration) must be either connected to Vss or left floating (not connected) in the end application. |