전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 ST25TA02K
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 10Page - STMicroelectronics ST25TA02K Datasheet HTML 11Page - STMicroelectronics ST25TA02K Datasheet HTML 12Page - STMicroelectronics ST25TA02K Datasheet HTML 13Page - STMicroelectronics ST25TA02K Datasheet HTML 14Page - STMicroelectronics ST25TA02K Datasheet HTML 15Page - STMicroelectronics ST25TA02K Datasheet HTML 16Page - STMicroelectronics ST25TA02K Datasheet HTML 17Page - STMicroelectronics ST25TA02K Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
ST25TA02K memory management
ST25TA02K
14/50
DocID027801 Rev 1
An NDEF file can be permanently locked for read or write accesses. Thus, the host cannot
access the NDEF file.
The read password shall be sent to the ST25TA02K device before reading a read-locked
NDEF file.
The write password shall be present on the ST25TA02K device before writing a write-locked
NDEF file. The write password shall be sent to change the read or write access. The read or
write access right is defined for the NDEF file.
3.2.1
State of the Read and Write access rights
Two bytes in the CC file are used to define the Read and Write access rights to the NDEF
file. For more details, refer to Section 3.1.2: CC file layout.
The state 0xFF and 0xFE cannot be changed by using the Read or Write passwords.
3.2.2
Changing the read access right to NDEF files
The state diagram on Figure 2 shows how to change the access right to read an NDEF file.
Table 8. Read access right
Value
Meaning
0x00
Read access without any security
0x80
Locked (1)
1. The read password shall be sent before reading in the NDEF file.
0xFE
Read not authorized
Table 9. Write access right
Value
Meaning
0x00
Write access without any security
0x80
Locked (1)
1. The write password shall be sent before writing in the NDEF file.
0xFF
Write not authorized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50