전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 ST25TA02K
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 39Page - STMicroelectronics ST25TA02K Datasheet HTML 40Page - STMicroelectronics ST25TA02K Datasheet HTML 41Page - STMicroelectronics ST25TA02K Datasheet HTML 42Page - STMicroelectronics ST25TA02K Datasheet HTML 43Page - STMicroelectronics ST25TA02K Datasheet HTML 44Page - STMicroelectronics ST25TA02K Datasheet HTML 45Page - STMicroelectronics ST25TA02K Datasheet HTML 46Page - STMicroelectronics ST25TA02K Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
DocID027801 Rev 1
43/50
ST25TA02K
Functional procedures
47
7
Functional procedures
This section describes some procedure to access the memory or manage its protection.
7.1
Selection of an NDEF message
The RF host shall use this procedure to detect the NDEF message inside an ST25TA02K.
The NDEF detection procedure is as follows:
1.
Open an RF session
2.
Send the SelectNDEFTagApplication command
3.
Select the CC file
4.
Read the CC file
5.
Select the NDEF file.
7.2
Reading of an NDEF message
The RF host executes the NDEF read procedure to read the NDEF file.
1.
Detect successfully the NDEF file using the NDEF detection procedure
2.
Check that the read access without any security is granted for the NDEF file from the
information provided by the CC file
3.
Select the NDEF file
4.
Read the NDEF file.
7.3
Reading a locked NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Present the Read password by using the Verify command
4.
Read the data in the NDEF file.
7.4
Locking an NDEF file
The RF host executes this procedure to protect an NDEF file.
1.
Select the NDEF Tag Application
2.
Check the right access provided by the CC file
3.
Select the NDEF file
4.
Present the NDEF file Write password by using the Verify command
5.
Lock the NDEF file by sending the Enable verification command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50