| 전자부품 데이터시트 검색엔진 |
|
ST25TA02K-PC6C5 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TA02K-PC6C5 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 64 page ![]() RF command sets ST25TA02K-P 44/64 DocID027794 Rev 2 The last five bits identify the password sent in the Verify command. Table 40 defines the R-APDU of the Enable Verification Requirement command. Note: Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes. 5.7.4 Disable Verification Requirement command The Disable Requirement command deactivates the protection by password of the NDEF file. When this command is successful, the read or write access to the NDEF file is granted without security requirements. It can be performed only if the security status satisfies the security attributes for this command. Before sending this command, the verify command with the correct NDEF write password shall be issued. Thus, this command changes the access right of the NDEF file. This command can update the right access of the NDEF file by writing into the EEPROM. In this case, the response timing will be around 6 ms. Table 41 defines the Disable Verification Requirement command. Table 40. R-APDU of the Enable Verification Requirement command Data SW1 SW2 Comment Length 0 1 byte 1 byte - Value - 0x90 0x00 Command completed, the password is correct Value - 0x69 0x81 Cmd is incompatible with the file structure Value - 0x69 0x82 Security status not satisfied Value - 0x6A 0x80 Incorrect param. in cmd data field Value - 0x6A 0x82 File or application not found Value - 0x6A 0x86 Incorrect P1 or P2 values Table 41. Disable Verification Requirement command format Name CLA INS P1 & P2 Lc Data Le - 0x00 0x26 2 bytes - - - Class byte Instruction code New security attributes 0x0001: Disable the read protection of the NDEF file 0x0002: Disable the write protection of the NDEF file Other: RFU (empty filed) (empty filed) (empty filed) |