| 전자부품 데이터시트 검색엔진 |
|
STM32F746ZG 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 227 page ![]() Pinouts and pin description STM32F745xx STM32F746xx 68/227 DocID027590 Rev 4 81 D8 B3 114 B12 142 164 B12 PD0 I/O FT - CAN1_RX, FMC_D2, EVENTOUT - 82 E8 C4 115 C12 143 165 C12 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - 83 B7 A3 116 D12 144 166 D12 PD2 I/O FT - TRACED2, TIM3_ETR, UART5_RX, SDMMC1_CMD, DCMI_D11, EVENTOUT - 84 C7 B4 117 D11 145 167 C11 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT - 85 D7 B5 118 D10 146 168 D11 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - 86 B6 A4 119 C11 147 169 C10 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - - - 120 D8 148 170 F8 VSS S - - - - - - C5 121 C8 149 171 E9 VDD S - - - - 87 C6 F4 122 B11 150 172 B11 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT - 88 D6 A5 123 A11 151 173 A11 PD7 I/O FT - USART2_CK, SPDIFRX_IN0, FMC_NE1, EVENTOUT - - - - - - - 174 B10 PJ12 I/O FT - LCD_B0, EVENTOUT - - - - - - - 175 B9 PJ13 I/O FT - LCD_B1, EVENTOUT - - - - - - - 176 C9 PJ14 I/O FT - LCD_B2, EVENTOUT - - - - - - - 177 D10 PJ15 I/O FT - LCD_B3, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |