| 전자부품 데이터시트 검색엔진 |
|
STM32F746ZG 데이터시트(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG 데이터시트(HTML) 81 Page - STMicroelectronics |
|
81 / 227 page ![]() Port D PD14 - - TIM4_C H3 -- - - - UART8_ CTS -- - FMC_D0 - - EVEN TOUT PD15 - - TIM4_C H4 -- - - - UART8_ RTS -- - FMC_D1 - - EVEN TOUT Port E PE0 - - TIM4_ET R LPTIM1_E TR -- - - UART8_ Rx - SAI2_MC K_A - FMC_NB L0 DCMI_D 2 - EVEN TOUT PE1 - - - LPTIM1_I N2 -- - - UART8_T x -- - FMC_NB L1 DCMI_D 3 - EVEN TOUT PE2 TRACE CLK -- - - SPI4_SC K SAI1_M CLK_A -- QUADSP I_BK1_IO 2 - ETH_MII_ TXD3 FMC_A2 3 -- EVEN TOUT PE3 TRACE D0 -- - - - SAI1_SD _B --- - - FMC_A1 9 -- EVEN TOUT PE4 TRACE D1 -- - - SPI4_NS S SAI1_FS _A --- - - FMC_A2 0 DCMI_D 4 LCD_B0 EVEN TOUT PE5 TRACE D2 -- TIM9_CH 1 - SPI4_MI SO SAI1_SC K_A --- - - FMC_A2 1 DCMI_D 6 LCD_G0 EVEN TOUT PE6 TRACE D3 TIM1_B KIN2 - TIM9_CH 2 - SPI4_M OSI SAI1_SD _A --- SAI2_MC K_B - FMC_A2 2 DCMI_D 7 LCD_G1 EVEN TOUT PE7 - TIM1_ET R -- - - - - UART7_ Rx - QUADSPI _BK2_IO0 -FMC_D4 - - EVEN TOUT PE8 - TIM1_C H1N -- - - - - UART7_T x - QUADSPI _BK2_IO1 -FMC_D5 - - EVEN TOUT PE9 - TIM1_C H1 -- - - - - UART7_ RTS - QUADSPI _BK2_IO2 -FMC_D6 - - EVEN TOUT PE10 - TIM1_C H2N -- - - - - UART7_ CTS - QUADSPI _BK2_IO3 -FMC_D7 - - EVEN TOUT PE11 - TIM1_C H2 -- - SPI4_NS S - --- SAI2_SD_ B - FMC_D8 - LCD_G3 EVEN TOUT PE12 - TIM1_C H3N -- - SPI4_SC K - --- SAI2_SC K_B -FMC_D9 - LCD_B4 EVEN TOUT PE13 - TIM1_C H3 -- - SPI4_MI SO - --- SAI2_FS_ B - FMC_D1 0 - LCD_DE EVEN TOUT Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |