| 전자부품 데이터시트 검색엔진 |
|
STM32F446ME 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446ME 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 201 page ![]() Pinout and pin description STM32F446xC/E 52/201 DocID027107 Rev 5 34 52 H2 M12 74 PB13 I/O FT - TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, CAN2_TX, OTG_HS_ULPI_D6, EVENTOUT OTG_HS_VBUS 35 53 J1 L11 75 PB14(1) I/O FT - TIM1_CH2N, TIM8_CH2N, SPI2_MISO, USART3_RTS, TIM12_CH1, OTG_HS_DM, EVENTOUT - 36 54 G3 L12 76 PB15(1) I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, OTG_HS_DP, EVENTOUT - - 55 - L9 77 PD8 I/O FT - USART3_TX, SPDIFRX_IN1, FMC_D13, EVENTOUT - - 56 - K9 78 PD9 I/O FT - USART3_RX, FMC_D14, EVENTOUT - - 57 - J9 79 PD10 I/O FT - USART3_CK, FMC_D15, EVENTOUT - -58 H1 H9 80 PD11 I/O FT - FMPI2C1_SMBA, USART3_CTS, QUADSPI_BK1_IO0, SAI2_SD_A, FMC_A16, EVENTOUT - - 59 G2 L10 81 PD12 I/O FTf - TIM4_CH1, FMPI2C1_SCL, USART3_RTS, QUADSPI_BK1_IO1, SAI2_FS_A, FMC_A17, EVENTOUT - - 60 G1 K10 82 PD13 I/O FTf - TIM4_CH2, FMPI2C1_SDA, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, EVENTOUT - - - - G8 83 VSS S - - - - -- - F8 84 VDD S - - - - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |