| 전자부품 데이터시트 검색엔진 |
|
STM32F446ME 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446ME 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 201 page ![]() DocID027107 Rev 5 55/201 STM32F446xC/E Pinout and pin description 66 51 78 D3 B11 111 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDIO_D2, DCMI_D8, EVENTOUT - 52 79 D4 B10 112 PC11 I/O FT - SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDIO_D3, DCMI_D4, EVENTOUT - 53 80 A2 C10 113 PC12 I/O FT - I2C2_SDA, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDIO_CK, DCMI_D9, EVENTOUT - -81 B3 E10 114 PD0 I/O FT - SPI4_MISO, SPI3_MOSI/I2S3_SD, CAN1_RX, FMC_D2, EVENTOUT - -82 C4 D10 115 PD1 I/O FT - SPI2_NSS/I2S2_WS, CAN1_TX, FMC_D3, EVENTOUT - 54 83 D5 E9 116 PD2 I/O FT - TIM3_ETR, UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT - -84 - D9 117 PD3 I/O FT - TRACED1, SPI2_SCK/I2S2_CK, USART2_CTS, QUADSPI_CLK, FMC_CLK, DCMI_D5, EVENTOUT - -85 A3 C9 118 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - -86 - B9 119 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - - - E7 120 VSS S - - - - -- - F7 121 VDD S - - - - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |