| 전자부품 데이터시트 검색엔진 |
|
STM32F479AI 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AI 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 208 page ![]() Pinouts and pin description STM32F479xx 54/208 DocID028010 Rev 2 - - L2 27 30 L2 PF9 I/O FT (4) SPI5_MOSI, SAI1_FS_B, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 H1 K10 L1 28 31 L1 PF10 I/O FT (4) QUADSPI_CLK, DCMI_D11, LCD_DE, EVENTOUT ADC3_IN8 G2 K11 G1 29 32 G1 PH0-OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN G1 K12 H1 30 33 H1 PH1-OSC_OUT (PH1) I/O FT - EVENTOUT OSC_OUT H2 H9 J1 31 34 J1 NRST I/O RST - M1 J9 M2 32 35 M2 PC0 I/O FT (4) OTG_HS_ULPI_STP, FMC_SDNWE, LCD_R5, EVENTOUT ADC123_IN10 N1 L12 M3 33 36 M3 PC1 I/O FT (4) TRACED0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, ETH_MDC, EVENTOUT ADC123_IN11 - - M4 34 37 M4 PC2 I/O FT (4) SPI2_MISO, I2S2ext_SD, OTG_HS_ULPI_DIR, ETH_MII_TXD2, FMC_SDNE0, EVENTOUT ADC123_IN12 - - M5 35 38 L4 PC3 I/O FT (4) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, FMC_SDCKE0, EVENTOUT ADC123_IN13 -- - 36 39 J5 VDD S - - - - - - - - - J6 VSS S - - - - J2 L11 M1 37 40 M1 VSSA S - - - - - - N1 - - N1 VREF- S - - - - - - P1 38 41 P1 VREF+ S - - - - J3 M12 R1 39 42 R1 VDDA S - - - - J5 L10 N3 40 43 N3 PA0- WKUP(PA0) I/O FT (5) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, ETH_MII_CRS, EVENTOUT ADC123_IN0, WKUP Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |