전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479AI 데이터시트(PDF) 58 Page - STMicroelectronics

부품명 STM32F479AI
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI 데이터시트(HTML) 58 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 54Page - STMicroelectronics STM32F479AI Datasheet HTML 55Page - STMicroelectronics STM32F479AI Datasheet HTML 56Page - STMicroelectronics STM32F479AI Datasheet HTML 57Page - STMicroelectronics STM32F479AI Datasheet HTML 58Page - STMicroelectronics STM32F479AI Datasheet HTML 59Page - STMicroelectronics STM32F479AI Datasheet HTML 60Page - STMicroelectronics STM32F479AI Datasheet HTML 61Page - STMicroelectronics STM32F479AI Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 208 page
background image
Pinouts and pin description
STM32F479xx
58/208
DocID028010 Rev 2
K8
J5
P11
77
88
P11
PE14
I/O
FT
-
TIM1_CH4, SPI4_MOSI,
FMC_D11, LCD_CLK,
EVENTOUT
-
L8
P5
R11
78
89
R11
PE15
I/O
FT
-
TIM1_BKIN, FMC_D12,
LCD_R7, EVENTOUT
-
M8
N5
R12
79
90
P12
PB10
I/O
FT
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
USART3_TX,
QUADSPI_BK1_NCS,
OTG_HS_ULPI_D3,
ETH_MII_RX_ER,
LCD_G4, EVENTOUT
-
N8
K5
R13
80
91
R13
PB11
I/O
FT
-
TIM2_CH4, I2C2_SDA,
USART3_RX,
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_R
MII_TX_EN,
DSIHOST_TE, LCD_G5,
EVENTOUT
-
N9
N4
M10
81
92
L11
VCAP1
S
-
-
-
-
M9
P4
-
-
93
K9
VSS
S
-
-
-
-
L9
P3
N10
82
94
L10
VDD
S
-
-
-
-
-
-
-
-
95
M14
PJ5
I/O
FT
-
LCD_R6, EVENTOUT
-
--
M11
83
96
P13
PH6
I/O
FT
-
I2C2_SMBA, SPI5_SCK,
TIM12_CH1,
ETH_MII_RXD2,
FMC_SDNE1, DCMI_D8,
EVENTOUT
-
--
N12
84
97
N13
PH7
I/O
FT
-
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1,
DCMI_D9, EVENTOUT
-
H8
M5
-
-
98
P14
PH8
I/O
FT
-
I2C3_SDA, FMC_D16,
DCMI_HSYNC, LCD_R2,
EVENTOUT
-
H9
L5
-
-
99
N14
PH9
I/O
FT
-
I2C3_SMBA, TIM12_CH2,
FMC_D17, DCMI_D0,
LCD_R3, EVENTOUT
-
J9
M4
-
-
100 P15
PH10
I/O
FT
-
TIM5_CH1, FMC_D18,
DCMI_D1, LCD_R4,
EVENTOUT
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More