전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479AG 데이터시트(PDF) 63 Page - STMicroelectronics

부품명 STM32F479AG
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AG 데이터시트(HTML) 63 Page - STMicroelectronics

Back Button STM32F479AG Datasheet HTML 59Page - STMicroelectronics STM32F479AG Datasheet HTML 60Page - STMicroelectronics STM32F479AG Datasheet HTML 61Page - STMicroelectronics STM32F479AG Datasheet HTML 62Page - STMicroelectronics STM32F479AG Datasheet HTML 63Page - STMicroelectronics STM32F479AG Datasheet HTML 64Page - STMicroelectronics STM32F479AG Datasheet HTML 65Page - STMicroelectronics STM32F479AG Datasheet HTML 66Page - STMicroelectronics STM32F479AG Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 208 page
background image
DocID028010 Rev 2
63/208
STM32F479xx
Pinouts and pin description
79
-
B5
C9
136 158 E10
VDD
S
-
-
-
-
A10
D4
A14 137 159 A14
PA14(JTCK-
SWCLK)
I/O
FT
-
JTCK-SWCLK,
EVENTOUT
-
B11
A2
A13 138 160 A13
PA15(JTDI)
I/O
FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
SPI1_NSS,
SPI3_NSS/I2S3_WS,
EVENTOUT
-
C10
D5
B14 139 161 B14
PC10
I/O
FT
-
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SDIO_D2, DCMI_D8,
LCD_R2, EVENTOUT
-
B9
B3
B13 140 162 B13
PC11
I/O
FT
-
I2S3ext_SD, SPI3_MISO,
USART3_RX, UART4_RX,
QUADSPI_BK2_NCS,
SDIO_D3, DCMI_D4,
EVENTOUT
-
A9
C4
A12 141 163 A12
PC12
I/O
FT
-
TRACED3,
SPI3_MOSI/I2S3_SD,
USART3_CK, UART5_TX,
SDIO_CK, DCMI_D9,
EVENTOUT
-
C9
E6
B12 142 164 B12
PD0
I/O
FT
-
CAN1_RX, FMC_D2,
EVENTOUT
-
C7
A3
C12 143 165 C12
PD1
I/O
FT
-
CAN1_TX, FMC_D3,
EVENTOUT
-
B8
C5
D12 144 166 D12
PD2
I/O
FT
-
TRACED2, TIM3_ETR,
UART5_RX, SDIO_CMD,
DCMI_D11, EVENTOUT
-
C8
D6
D11 145 167 C11
PD3
I/O
FT
-
SPI2_SCK/I2S2_CK,
USART2_CTS,
FMC_CLK, DCMI_D5,
LCD_G7, EVENTOUT
-
C6
B4
D10 146 168 D11
PD4
I/O
FT
-
USART2_RTS,
FMC_NOE, EVENTOUT
-
B7
C6
C11 147 169 C10
PD5
I/O
FT
-
USART2_TX, FMC_NWE,
EVENTOUT
-
F8
A4
D8
148 170
F8
VSS
S
-
-
-
-
F7
-
C8
149 171
E9
VDD
S
-
-
-
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More