전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479AG 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STM32F479AG
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AG 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STM32F479AG Datasheet HTML 60Page - STMicroelectronics STM32F479AG Datasheet HTML 61Page - STMicroelectronics STM32F479AG Datasheet HTML 62Page - STMicroelectronics STM32F479AG Datasheet HTML 63Page - STMicroelectronics STM32F479AG Datasheet HTML 64Page - STMicroelectronics STM32F479AG Datasheet HTML 65Page - STMicroelectronics STM32F479AG Datasheet HTML 66Page - STMicroelectronics STM32F479AG Datasheet HTML 67Page - STMicroelectronics STM32F479AG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 208 page
background image
Pinouts and pin description
STM32F479xx
64/208
DocID028010 Rev 2
D7
E7
B11 150 172 B11
PD6
I/O
FT
-
SPI3_MOSI/I2S3_SD,
SAI1_SD_A,
USART2_RX,
FMC_NWAIT, DCMI_D10,
LCD_B2, EVENTOUT
-
A8
A5
A11 151 173 A11
PD7
I/O
FT
-
USART2_CK, FMC_NE1,
EVENTOUT
-
-
-
-
-
174 B10
PJ12
I/O
FT
-
LCD_G3, LCD_B0,
EVENTOUT
-
-
-
-
-
175
B9
PJ13
I/O
FT
-
LCD_G4, LCD_B1,
EVENTOUT
-
-
-
-
-
176
C9
PJ14
I/O
FT
-
LCD_B2, EVENTOUT
-
-
-
-
-
177 D10
PJ15
I/O
FT
-
LCD_B3, EVENTOUT
-
E6
D7
C10 152 178
D9
PG9
I/O
FT
-
USART6_RX,
QUADSPI_BK2_IO2,
FMC_NE2/FMC_NCE,
DCMI_VSYNC,
EVENTOUT
-
E7
C7
B10 153 179
C8
PG10
I/O
FT
-
LCD_G3, FMC_NE3,
DCMI_D2, LCD_B2,
EVENTOUT
-
B6
B6
B9
154 180
B8
PG11
I/O
FT
-
ETH_MII_TX_EN/ETH_R
MII_TX_EN, DCMI_D3,
LCD_B3, EVENTOUT
-
A7
A6
B8
155 181
C7
PG12
I/O
FT
-
SPI6_MISO,
USART6_RTS, LCD_B4,
FMC_NE4, LCD_B1,
EVENTOUT
-
A6
E8
A8
156 182
B3
PG13
I/O
FT
-
TRACED0, SPI6_SCK,
USART6_CTS,
ETH_MII_TXD0/ETH_RMI
I_TXD0, FMC_A24,
LCD_R0, EVENTOUT
-
-
-
A7
157 183
A4
PG14
I/O
FT
-
TRACED1, SPI6_MOSI,
USART6_TX,
QUADSPI_BK2_IO3,
ETH_MII_TXD1/ETH_RMI
I_TXD1, FMC_A25,
LCD_B0, EVENTOUT
-
-
B7
D7
158 184
F7
VSS
S
-
-
-
-
-
A7
C7
159 185
E8
VDD
S
-
-
-
-
Table 10. STM32F479xx pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More