전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F446VC 데이터시트(PDF) 56 Page - STMicroelectronics

부품명 STM32F446VC
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC 데이터시트(HTML) 56 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 52Page - STMicroelectronics STM32F446VC Datasheet HTML 53Page - STMicroelectronics STM32F446VC Datasheet HTML 54Page - STMicroelectronics STM32F446VC Datasheet HTML 55Page - STMicroelectronics STM32F446VC Datasheet HTML 56Page - STMicroelectronics STM32F446VC Datasheet HTML 57Page - STMicroelectronics STM32F446VC Datasheet HTML 58Page - STMicroelectronics STM32F446VC Datasheet HTML 59Page - STMicroelectronics STM32F446VC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 201 page
background image
Pinout and pin description
STM32F446xC/E
56/201
DocID027107 Rev 5
-87
B4
A8
122
PD6
I/O FT
-
SPI3_MOSI/I2S3_SD,
SAI1_SD_A, USART2_RX,
FMC_NWAIT, DCMI_D10,
EVENTOUT
-
-88
A4
A9
123
PD7
I/O FT
-
USART2_CK,
SPDIFRX_IN0, FMC_NE1,
EVENTOUT
-
--
-
E8
124
PG9
I/O FT
-
SPDIFRX_IN3,
USART6_RX,
QUADSPI_BK2_IO2,
SAI2_FS_B,
FMC_NE2/FMC_NCE3,
DCMI_VSYNC,
EVENTOUT
-
-
-
-
D8
125
PG10
I/O FT
-
SAI2_SD_B, FMC_NE3,
DCMI_D2, EVENTOUT
-
--
-
C8
126
PG11
I/O FT
-
SPI4_SCK, SPDIFRX_IN0,
DCMI_D3, EVENTOUT
-
-
-
-
B8
127
PG12
I/O FT
-
SPI4_MISO,
SPDIFRX_IN1,
USART6_RTS, FMC_NE4,
EVENTOUT
-
-
-
-
D7
128
PG13
I/O FT
-
TRACED2, SPI4_MOSI,
USART6_CTS, FMC_A24,
EVENTOUT
-
-
-
-
C7
129
PG14
I/O FT
-
TRACED3, SPI4_NSS,
USART6_TX,
QUADSPI_BK2_IO3,
FMC_A25, EVENTOUT
-
-
-
-
-
130
VSS
S
-
-
-
-
--
-
F6
131
VDD
S
-
-
-
-
-
-
-
B7
132
PG15
I/O FT
-
USART6_CTS,
FMC_SDNCAS,
DCMI_D13, EVENTOUT
-
55
89
A5
A7
133
PB3(JTDO/TRACES
WO)
I/O FT
-
JTDO/TRACESWO,
TIM2_CH2, I2C2_SDA,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
EVENTOUT
-
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More