| 전자부품 데이터시트 검색엔진 |
|
STM32F446VC 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446VC 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 201 page ![]() Port D PD0 - - - - - SPI4_MISO SPI3_ MOSI/ I2S3_SD - - CAN1_RX - - FMC_D2 - - EVENT OUT PD1 - - - - - - - SPI2_NSS/ I2S2_WS - CAN1_TX - - FMC_D3 - - EVENT OUT PD2 - - TIM3_ETR - - - - - UART5_RX - - - SDIO_CMD DCMI_ D11 - EVENT OUT PD3 TRACE D1 -- - - SPI2_SCK/ I2S2_CK - USART2_ CTS - QUADSPI_ CLK -- FMC_CLK DCMI_ D5 - EVENT OUT PD4 - - - - - - - USART2_ RTS -- - - FMC_NOE - - EVENT OUT PD5 - - - - - - - USART2_ TX -- - - FMC_NWE - - EVENT OUT PD6 - - - - - SPI3_ MOSI/ I2S3_SD SAI1_ SD_A USART2_ RX -- - - FMC_ NWAIT DCMI_ D10 - EVENT OUT PD7 - - - - - - - USART2_ CK SPDIF_ RX0 -- - FMC_NE1 - - EVENT OUT PD8 - - - - - - - USART3_ TX SPDIF_ RX1 - - - FMC_D13 - - EVENT OUT PD9 - - - - - - - USART3_ RX - - - - FMC_D14 - - EVENT OUT PD10 -- - - -- - USART3_ CK - - - - FMC_D15 - - EVENT OUT PD11 - -- - FMPI2C1 _SMBA -- USART3_ CTS - QUADSPI_ BK1_IO0 SAI2_SD_A - FMC_A16 - - EVENT OUT PD12 - - TIM4_CH1 - FMPI2C1 _SCL -- USART3_ RTS - QUADSPI_ BK1_IO1 SAI2_FS_A - FMC_A17 - - EVENT OUT PD13 - - TIM4_CH2 - FMPI2C1 _SDA -- - - QUADSPI_ BK1_IO3 SAI2_SCK_A - FMC_A18 - - EVENT OUT PD14 - - TIM4_CH3 - FMPI2C1 _SCL -- - SAI2_ SCK_A -- - FMC_D0 - - EVENT OUT PD15 - - TIM4_CH4 - FMPI2C1 _SDA -- - - - - - FMC_D1 - - EVENT OUT Table 11. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11/ CEC I2C1/2/3 /4/CEC SPI1/2/3/ 4 SPI2/3/4/ SAI1 SPI2/3/ USART1/ 2/3/UART 5/SPDIFR X SAI/ USART6/ UART4/5/ SPDIFRX CAN1/2 TIM12/13/ 14/ QUADSPI SAI2/ QUADSPI/ OTG2_HS/ OTG1_FS OTG1_FS FMC/ SDIO/ OTG2_FS DCMI - SYS |