| 전자부품 데이터시트 검색엔진 |
|
STM32F479NI 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479NI 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 208 page ![]() DocID028010 Rev 2 55/208 STM32F479xx Pinouts and pin description 79 K1 K9 N2 41 44 N2 PA1 I/O FT (4) TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, ETH_MII_RX_CLK/ETH_ RMII_REF_CLK, LCD_R2, EVENTOUT ADC123_IN1 K2 L9 P2 42 45 P2 PA2 I/O FT (4) TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, ETH_MDIO, LCD_R1, EVENTOUT ADC123_IN2 L2 M11 F4 43 46 K4 PH2 I/O FT - QUADSPI_BK2_IO0, ETH_MII_CRS, FMC_SDCKE0, LCD_R0, EVENTOUT - L1 N12 G4 44 47 J4 PH3 I/O FT - QUADSPI_BK2_IO1, ETH_MII_COL, FMC_SDNE0, LCD_R1, EVENTOUT - M2 M10 H4 45 48 H4 PH4 I/O FT - I2C2_SCL, LCD_G5, OTG_HS_ULPI_NXT, LCD_G4, EVENTOUT - L3 K8 J4 46 49 J3 PH5 I/O FT - I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT - K3 N10 R2 47 50 R2 PA3 I/O FT (4) TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, LCD_B2, OTG_HS_ULPI_D0, ETH_MII_COL, LCD_B5, EVENTOUT ADC123_IN3 J1 N11 - - 51 K6 VSS S - - - - - - L4 48 - L5 BYPASS_REG I FT - - - J4 P12 K4 49 52 K5 VDD S - - - - N2 M9 N4 50 53 N4 PA4 I/O TTa - SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_CK, OTG_HS_SOF, DCMI_HSYNC, LCD_VSYNC, EVENTOUT ADC12_IN4, DAC_OUT1 Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |