전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F479NI 데이터시트(PDF) 71 Page - STMicroelectronics

부품명 STM32F479NI
상세설명  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479NI 데이터시트(HTML) 71 Page - STMicroelectronics

Back Button STM32F479NI Datasheet HTML 67Page - STMicroelectronics STM32F479NI Datasheet HTML 68Page - STMicroelectronics STM32F479NI Datasheet HTML 69Page - STMicroelectronics STM32F479NI Datasheet HTML 70Page - STMicroelectronics STM32F479NI Datasheet HTML 71Page - STMicroelectronics STM32F479NI Datasheet HTML 72Page - STMicroelectronics STM32F479NI Datasheet HTML 73Page - STMicroelectronics STM32F479NI Datasheet HTML 74Page - STMicroelectronics STM32F479NI Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 208 page
background image
Port B
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_CH2
N
--
-
-
-
LCD_R3
OTG_HS
_ULPI_D1
ETH_MII_
RXD2
-
-
LCD_G1
EVENT
OUT
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_CH3
N
--
-
-
-
LCD_R6
OTG_HS
_ULPI_D2
ETH_MII_
RXD3
--
LCD_G0
EVENT
OUT
PB2
-
-
--
-
-
--
-
-
-
-
-
-
-
EVENT
OUT
PB3
JTDO/T
RACES
WO
TIM2_CH2
--
SPI1_SCK
SPI3_SCK/
I2S3_CK
--
-
-
-
-
-
-
EVENT
OUT
PB4
NJTRST
-
TIM3_CH1
--
SPI1_MISO
SPI3_MIS
O
I2S3ext_S
D
--
-
-
-
-
-
EVENT
OUT
PB5
--
TIM3_CH2
-
I2C1_SMBA SPI1_MOSI
SPI3_MOS
I/I2S3_SD
-
CAN2_RX
OTG_HS
_ULPI_D7
ETH_PPS
OUT
FMC_
SDCKE1
DCMI_D10
LCD_G7
EVENT
OUT
PB6
--
TIM4_CH1
-
I2C1_SCL
--
USART1_T
X
-
CAN2_TX
QUADSPI
_BK1_NC
S
-
FMC_
SDNE1
DCMI_D5
EVENT
OUT
PB7
--
TIM4_CH2
-
I2C1_SDA
--
USART1_
RX
-
-
--
FMC_NL
DCMI_VS
YNC
EVENT
OUT
PB8
--
TIM4_CH3
TIM10_CH
1
I2C1_SCL
--
-
-
CAN1_RX
-
ETH_MII_
TXD3
SDIO_D4
DCMI_D6
LCD_B6
EVENT
OUT
PB9
--
TIM4_CH4
TIM11_CH
1
I2C1_SDA
SPI2_NSS/I
2S2_WS
--
-
CAN1_TX
--
SDIO_D5
DCMI_D7
LCD_B7
EVENT
OUT
PB10
-
TIM2_CH3
--
I2C2_SCL
SPI2_SCK/I
2S2_CK
-
USART3_T
X
-
QUADSPI_
BK1_NCS
OTG_HS
_ULPI_D3
ETH_MII_RX_
ER
-
-
LCD_G4
EVENT
OUT
PB11
-
TIM2_CH4
--
I2C2_SDA
-
USART3_
RX
-
OTG_HS
_ULPI_D4
ETH_MII_TX_
EN/ETH_RMII
_TX_EN
-
DSIHOST_
TE
LCD_G5
EVENT
OUT
PB12
-
TIM1_BKIN
--
I2C2_SMBA
SPI2_NSS/I
2S2_WS
-
USART3_
CK
-
CAN2_RX
OTG_HS
_ULPI_D5
ETH_MII_TXD
0/ETH_RMII_T
XD0
OTG_HS_
ID
--
EVENT
OUT
PB13
-
TIM1_CH1N
--
-
SPI2_SCK/I
2S2_CK
-
USART3_
CTS
-
CAN2_TX
OTG_HS
_ULPI_D6
ETH_MII_TXD
1/ETH_RMII_T
XD1
--
-
EVENT
OUT
PB14
-
TIM1_CH2N
-
TIM8_CH2
N
-
SPI2_MISO
I2S2ext_S
D
USART3_
RTS
-
TIM12_CH1
--
OTG_HS_
‘DM
--
EVENT
OUT
PB15
RTC_RE
FIN
TIM1_CH3N
-
TIM8_CH3
N
-
SPI2_MOSI
/I2S2_SD
--
-
TIM12_CH2
--
OTG_HS_
DP
--
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/UA
RT4/5
/7/8
CAN1/2/
TIM12/1
3/14/QU
ADSPI/L
CD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/SD
IO/OTG2
_FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More