| 전자부품 데이터시트 검색엔진 |
|
VIPER06LSTR 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06LSTR 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 28 page ![]() VIPER06 FB pin and COMP pin Doc ID 022794 Rev 1 17/28 12 FB pin and COMP pin The device can be used both in non-isolated and isolated topology. In non-isolated topology, the feedback signal from the output voltage is applied directly to the FB pin as the inverting input of the internal error amplifier having the reference voltage, VREF_FB, see Table 7 on page 8. The output of the error amplifier sources and sinks the current, ICOMP, respectively to and from the compensation network connected on the COMP pin. This signal is then compared in the PWM comparator with the signal coming from the SenseFET in order to switch off the power MOSFET on a cycle-by-cycle basis. See the Figure 2 on page 4 and the Figure 22. When the power supply output voltage is equal to the error amplifier reference voltage, VREF_FB, a single resistor has to be connected from the output to the FB pin. For higher output voltages the external resistor divider is needed. If the voltage on the FB pin is accidentally left floating, an internal pull-up protects the controller. The output of the error amplifier is externally accessible through the COMP pin and it’s used for the loop compensation, usually an RC network. As shown in Figure 22, in case of an isolated power supply, the internal error amplifier has to be disabled (FB pin shorted to GND). In this case an internal resistor is connected between an internal reference voltage and the COMP pin, see Figure 22. The current loop has to be closed on the COMP pin through the opto-transistor in parallel with the compensation network. The VCOMP dynamic range is between VCOMPL and VCOMPH shown in Figure 23 on page 18. When the voltage VCOMP drops below the voltage threshold VCOMPL, the converter enters burst mode, see Section 13 on page 18. When the voltage VCOMP rises above the VCOMPH threshold, the peak drain current, as well as the deliverable output power, will reach its limit. Figure 22. Feedback circuit FB COMP Without Isolation: switch open & E/A enabled With Isolation: switch closed & E/A disabled No Isolation VOUT + - PWM stop from R SENSE R Isolation R L nR SW V REF R COMP E/A BUS + - to PWM V COMPL RH V REF_FB |