전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C256B 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE24C256B
상세설명  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C256B 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C256B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ACE24C128B/256B/512B
Two-wire Serial EEPROM
VER 1.4
4
Pin Descriptions
Device/Page Addresses (A2, A1 and A0):
The A2, A1 and A0 pins are device address inputs that are hard wire for the ACE24C128B/256B/512B.
Eight 128K/256K/512K devices may be addressed on a single bus system (device addressing is
discussed in detail under the Device Addressing section).
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open- collector devices.
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Write Protect (WP):
The ACE24C128B/256B/512B has a Write Protect pin that provides hardware data protection. The Write
Protect pin allows normal read/write operations when connected to ground (GND). When the Write
Proection pin is connected to Vcc, the write protection feature is enabled and operates as shown in the
following Table 2.
Write Protect Description
WP Pin Status
Part of the Array Protected
ACE24C128B
ACE24C256B
ACE24C512B
At VCC
Full (128K) Array
Full (256K) Array
Full (512K) Array
At GND
Normal Read / Write Operations
Table 2
Memory Organization
ACE24C128B, 128K SERIAL EEPROM:
Internally organized with 256 pages of 64 bytes each, the 128K requires an 14-bit data word address for
random word addressing.
ACE24C256B, 256K SERIAL EEPROM:
Internally organized with 512 pages of 64 bytes each, the 256K requires an 15-bit data word address for
random word addressing.
ACE24C512B, 512K SERIAL EEPROM:
Internally organized with 512 pages of 128 bytes each, the 512K requires an 16-bit data word address
for random word addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com