전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C256B 데이터시트(PDF) 1 Page - ACE Technology Co., LTD.

부품명 ACE24C256B
상세설명  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C256B 데이터시트(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24C256B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACE24C128B/256B/512B
Two-wire Serial EEPROM
VER 1.4
1
Description
The ACE24C128B/256B/512B provides 131,072/262,144/524,288 bits of serial electrically erasable and
programmable read-only memory (EEPROM), organized as 16,384/32,768/65,536 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power and low-voltage operation are
essential. The ACE24C128B/256B/512B is available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP
packages and is accessed via a two-wire serial interface. In addition, the ACE24C128B/256B/512B is available in
1.7V (1.7V to 5.5V) version.
Features
 Wide Voltage Operation
- VCC = 1.7V to 5.5V
 Operating Ambient Temperature: -40℃ to +85℃
 Internally Organized:
- ACE24C128B, 16,384 * 8 (128K bits)
- ACE24C256B, 32,768 * 8 (256K bits)
- ACE24C512B, 65,536 * 8 (512K bits)
 Two-wire Serial Interface
 Schmitt Trigger, Filtered Inputs for Noise Suppression
 Bidirectional Data Transfer Protocol
 1 MHz (5V), 400 KHz (1.7V, 2.5V, 2.7V) Compatibility
 Write Protect Pin for Hardware Data Protection
 64-byte Page (128K, 256K), 128-byte (512K) Write Modes
 Partial Page Writes Allowed
 Self-timed Write Cycle (5 ms max)
 High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
Absolute Maximum Ratings
DC Supply Voltage
-0.3 to 6.5V
Input / Output Voltage
GND-0.3V to VCC+0.3V
Operating Ambient Temperature
-40℃ to 85℃
Storage Temperature
-65℃ to 150℃
*Notice: Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


유사한 부품 번호 - ACE24C256B

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C256 ACE-ACE24C256 Datasheet
283Kb / 16P
Two-wire Serial EEPROM
VER 1.2
ACE24C256 ACE-ACE24C256 Datasheet
656Kb / 18P
Two-wire Serial EEPROM
VER 1.5
ACE24C256C ACE-ACE24C256C Datasheet
1Mb / 20P
Two-wire serial EEPROM
VER 1.2
ACE24C256DM+TH ACE-ACE24C256DM+TH Datasheet
656Kb / 18P
Two-wire Serial EEPROM
VER 1.5
ACE24C256DM+UH ACE-ACE24C256DM+UH Datasheet
656Kb / 18P
Two-wire Serial EEPROM
VER 1.5
More results

유사한 설명 - ACE24C256B

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com