| 전자부품 데이터시트 검색엔진 |
|
SX8661Z 데이터시트(PDF) 36 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8661Z 데이터시트(HTML) 36 Page - Semtech Corporation |
|
36 / 87 page ![]() ADVANCED COMMUNICATIONS & SENSING DATASHEET Revision v4.0, February 2016 © 2012 Semtech Corp. www.semtech.com 36 SX8661Z Low Power, Capacitive Button Touch and Proximity Controller (8 sensors) with LED Drivers and Analog Output Figure 40 Simplified diagram of CN and CP 4.3 Host interface pins The host interface consists of the interrupt pin INTB, a reset pin RESETB and the standard I2C pins: SCL and SDA. INTB The INTB pin is an open drain output that requires an external pull-up resistor (1..10 kOhm). The INTB pin is protected to VDD using dedicated devices. The INTB pin has diode protected to GROUND. Figure 41 shows a simplified diagram of the INTB pin. Figure 41 Simplified diagram of INTB SX8661Z ASI CP VANA CN VANA VDD R_INT INTB SX8661Z INT to host |