전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX8661Z 데이터시트(PDF) 48 Page - Semtech Corporation

부품명 SX8661Z
상세설명  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z 데이터시트(HTML) 48 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 44Page - Semtech Corporation SX8661Z Datasheet HTML 45Page - Semtech Corporation SX8661Z Datasheet HTML 46Page - Semtech Corporation SX8661Z Datasheet HTML 47Page - Semtech Corporation SX8661Z Datasheet HTML 48Page - Semtech Corporation SX8661Z Datasheet HTML 49Page - Semtech Corporation SX8661Z Datasheet HTML 50Page - Semtech Corporation SX8661Z Datasheet HTML 51Page - Semtech Corporation SX8661Z Datasheet HTML 52Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
48
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
CapThresh0, CapThresh1, CapThresh2, CapThresh3, CapThresh4, CapThresh5, CapThresh6, CapThresh7:
For each CAP pin a threshold level can be set individually.
The threshold levels are used by the SX8661Z for making touch and release decisions.
The details are explained in the sections for buttons.
CapPerComp:
The SX8661Z offers a periodic offset compensation for applications which are subject to substantial
environmental changes. The periodic offset compensation is done at a defined interval and only if buttons are
released.
CapProxEnable:
The SX8661Z is intended to be used with proximity. This register is set by default to ON (0x74). In case
proximity is not required then this register should be set to OFF (0x46) and CAP0 Mode should be set to button
or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87