| 전자부품 데이터시트 검색엔진 |
|
TLE6262G 데이터시트(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6262G 데이터시트(HTML) 12 Page - Infineon Technologies AG |
|
12 / 38 page ![]() Final Data TLE 6262 G 12 version: 2.03 date: 2002-03-20 are giving a feedback about current status of OUTL1/OUTL2. As soon as the under- voltage condition of the supply voltage is met (VS < VUVOFF), the switches are automatically disabled by the under-voltage lockout circuit. This is flagged by the SPI diagnosis bit 3. In addition the outputs OUTL1 and OUTL2 are also disabled when the watchdog is switched off in undercurrent state or when a reset occurs. |