전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6262G 데이터시트(PDF) 14 Page - Infineon Technologies AG

부품명 TLE6262G
상세설명  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G 데이터시트(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 10Page - Infineon Technologies AG TLE6262G Datasheet HTML 11Page - Infineon Technologies AG TLE6262G Datasheet HTML 12Page - Infineon Technologies AG TLE6262G Datasheet HTML 13Page - Infineon Technologies AG TLE6262G Datasheet HTML 14Page - Infineon Technologies AG TLE6262G Datasheet HTML 15Page - Infineon Technologies AG TLE6262G Datasheet HTML 16Page - Infineon Technologies AG TLE6262G Datasheet HTML 17Page - Infineon Technologies AG TLE6262G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Final Data TLE 6262 G
14
version: 2.03 date: 2002-03-20
Table 4
CAN bus line failure cases (according to ISO 11519-2)
failure
#
failure description
1
CANL line interrupted
2
CANH line interrupted
3
CANL shorted to Vbat, CANL > 7.2 V
3a (no ISO failure) CANL shorted to Vcc; 3.2 V < CANL < 7.2 V
4
CANH shorted to GND
5
CANL shorted to GND
6
CANH shorted to Vbat; CANH > 7.2 V
6a (no ISO failure) CANH shorted to Vcc; 1.8 V < CANH < 7.2 V
7
CANL shorted to CANH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com