전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT54ACTS899 데이터시트(PDF) 15 Page - Aeroflex Circuit Technology

부품명 UT54ACTS899
상세설명  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 데이터시트(HTML) 15 Page - Aeroflex Circuit Technology

Back Button UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 14Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 15Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 16Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Packaging
Figure 13. 28-pin Ceramic Flatpack
NOTE:
1. Seal ring is connected to VSS.
2. Units are in inches.
3. All exposed metalized areas must be gold plated 100 to 225 microinches thick and all bottom side exposed
metalized areas must be gold plated to 60 microinches thick nominal. Both sides shall be over electroplated
nickel undercoating 100 to 350 microinches per MIL-PRF-38535.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17