| 전자부품 데이터시트 검색엔진 |
|
AD9531 데이터시트(PDF) 77 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9531 데이터시트(HTML) 77 Page - Analog Devices |
|
77 / 88 page ![]() Data Sheet AD9531 ROM PROFILE DATA The tables in this section contain the ROM contents organized in columns by the ROM profile number (as defined by the value contained in Register 0x000E, Bits[D5:D0]). The leftmost column of the table contains the register address. The ROM profile contents appear as 8-bit hexadecimal values. Avoid loading reserved ROM profiles. Reserved profiles are noted in Table 72, Table 73, Table 74, and Table 75. ROM PROFILE 0 TO ROM PROFILE 15 Table 72. ROM Contents for ROM Profile 0 to ROM Profile 15 Register Address ROM Profile Number 0 1 2 3 4 5 6 … 15 Status Controls 0x0083 0x0A 0x2A 0x00 0x00 0x00 0x00 These profiles are all reserved 0x0084 0x41 0x41 0x01 0x01 0x01 0x01 0x0085 0x42 0x42 0x02 0x02 0x02 0x02 PLL1 0x0100 0x02 0x00 0x02 0x00 0x02 0x00 These profiles are all reserved 0x0101 0x00 0x0D 0x00 0x0D 0x00 0x0D 0x0102 0x08 0x00 0x08 0x00 0x08 0x00 0x0103 0x00 0x22 0x00 0x22 0x00 0x22 0x0104 0x01 0x7D 0x01 0x7D 0x01 0x7D 0x0105 0x00 0x00 0x00 0x00 0x00 0x00 0x0106 0x1E 0x00 0x1E 0x00 0x1E 0x00 0x0107 0x00 0x00 0x00 0x00 0x00 0x00 0x0108 0x00 0x00 0x00 0x00 0x00 0x00 0x0109 0x00 0x00 0x00 0x00 0x00 0x00 0x010A 0x00 0x00 0x00 0x00 0x00 0x00 0x010B 0x00 0x00 0x00 0x00 0x00 0x00 0x010C 0x00 0x00 0x00 0x00 0x00 0x00 0x010D 0x00 0x00 0x00 0x08 0x00 0x00 0x010E 0x00 0x06 0x00 0x07 0x00 0x06 0x010F 0x03 0x00 0x03 0x00 0x03 0x00 0x0110 0x09 0x00 0x07 0x00 0x09 0x00 0x0111 0x08 0x08 0x08 0x08 0x08 0x08 0x0112 0x08 0x08 0x08 0x08 0x08 0x08 0x0113 0x08 0x08 0x08 0x08 0x08 0x08 0x0114 0x08 0x08 0x08 0x08 0x08 0x08 0x0115 0x09 0x00 0x07 0x00 0x09 0x00 0x0116 0x08 0x08 0x08 0x08 0x08 0x08 0x0117 0x08 0x08 0x08 0x08 0x08 0x08 0x0118 0x08 0x08 0x08 0x08 0x08 0x08 0x0119 0x08 0x08 0x08 0x08 0x08 0x08 0x011A 0x09 0x00 0x07 0x00 0x09 0x00 0x011B 0x08 0x08 0x08 0x08 0x08 0x08 0x011C 0x08 0x08 0x08 0x08 0x08 0x08 Rev. 0 | Page 77 of 88 |