전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCS2112 데이터시트(PDF) 57 Page - Microchip Technology

부품명 UCS2112
상세설명  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 데이터시트(HTML) 57 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 53Page - Microchip Technology UCS2112 Datasheet HTML 54Page - Microchip Technology UCS2112 Datasheet HTML 55Page - Microchip Technology UCS2112 Datasheet HTML 56Page - Microchip Technology UCS2112 Datasheet HTML 57Page - Microchip Technology UCS2112 Datasheet HTML 58Page - Microchip Technology UCS2112 Datasheet HTML 59Page - Microchip Technology UCS2112 Datasheet HTML 60Page - Microchip Technology UCS2112 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 57
UCS2112
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
Example
PIN 1
PIN 1
UCS
2112-1
3
e
446256
4x4 mm QFN, 20-lead
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64