전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT64BS1X433SPC 데이터시트(PDF) 18 Page - Aeroflex Circuit Technology

부품명 UT64BS1X433SPC
상세설명  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433SPC 데이터시트(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433SPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT64BS1X433SPC Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
ORDERING INFORMATION
UT64BS1X433 Matrix-A
Package Option
Associated Lead Finish
(Z) 400-CLGA
(C) Gold
(S) 400-CCGA
(A) Hot Solder Dipped
(C) 400-CBGA
(A) Hot Solder Dipped
Lead Finish:
(A) = Hot Solder Dipped
(C) = Gold
Screening Level: (NOTE 1 & 2)
(P) = Prototype flow (Temperature Range: 25oC only)
(E) = HiRel flow (Temperature Range: -55oC to +125oC)
Case Outline:
(Z) = 400-Ceramic Land Grid Array
(S) = 400-Ceramic Column Grid Array
(C) = 400-Ceramic Ball Grid Array
Device Type:
(64BS1X433) = Matrix-A 64-Channel 1:4 Bus Switch
UT ********* -
*
*
*
Notes:
1. Prototype Flow per Aeroflex Manufacturing Flows Document. Devices are tested at 25oC only. Radiation is neither tested nor guaranteed.
2. HiRel Flow per Aeroflex Manufacturing Flows Document. Radiation is neither tested nor guaranteed.
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20