| 전자부품 데이터시트 검색엔진 |
|
UT64BS1X433SPC 데이터시트(PDF) 19 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT64BS1X433SPC 데이터시트(HTML) 19 Page - Aeroflex Circuit Technology |
|
19 / 20 page ![]() 19 UT64BS1X433 Matrix-A: SMD Lead Finish: (NOTE 1) (C) = Gold Case Outline: (NOTE 2) (X) = 400-Ceramic Land Grid Array Package Screening Level: (Q) = QML Class Q (V) = QML Class V Device Type: (01) = UT64BS1X433 (Temperature range: -55oC to +125oC) Drawing Number: TBD Total Dose: (R) = 1E5 rad(Si) (F) = 3E5 rad(Si) Federal Stock Class Number: No Options 5962 - XXXXX ** * * * Notes: 1. Lead finish is “C” (gold) only. 2. Aeroflex offers Column Attachment as an additional service for the Ceramic Column Grid Array (Case outline "S"). If needed, please ask for COLUMN ATTACHMENT when submitting your request for quotation. 36-00-03-001 Aeroflex Microelectronics Solutions - HiRel |