전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5907 데이터시트(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5907
상세설명  Ultralow-Noise, 250-mA Linear Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 데이터시트(HTML) 27 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 23Page - Texas Instruments LP5907 Datasheet HTML 24Page - Texas Instruments LP5907 Datasheet HTML 25Page - Texas Instruments LP5907 Datasheet HTML 26Page - Texas Instruments LP5907 Datasheet HTML 27Page - Texas Instruments LP5907 Datasheet HTML 28Page - Texas Instruments LP5907 Datasheet HTML 29Page - Texas Instruments LP5907 Datasheet HTML 30Page - Texas Instruments LP5907 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP5907MFX-1.2/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-1.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-1.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-2.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-2.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-2.85/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-3.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-3.1/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-3.2/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907MFX-4.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP5907SNX-1.2/NOPB
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX-1.8/NOPB
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX-2.2/NOPB
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX-2.5/NOPB
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX-2.7/NOPB
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX-2.75
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX-2.75
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Mar-2016
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36