전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5419 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADG5419
상세설명  High Voltage Latch-Up Proof, Single SPDT Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5419 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADG5419 Datasheet HTML 3Page - Analog Devices ADG5419 Datasheet HTML 4Page - Analog Devices ADG5419 Datasheet HTML 5Page - Analog Devices ADG5419 Datasheet HTML 6Page - Analog Devices ADG5419 Datasheet HTML 7Page - Analog Devices ADG5419 Datasheet HTML 8Page - Analog Devices ADG5419 Datasheet HTML 9Page - Analog Devices ADG5419 Datasheet HTML 10Page - Analog Devices ADG5419 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADG5419
Rev. A | Page 7 of 19
CONTINUOUS CURRENT PER CHANNEL, Sx OR D
Table 5.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
8-LEAD MSOP
θJA = 133.1°C/W
VDD = 15 V, VSS = −15 V
113
73
46
mA maximum
VDD = 20 V, VSS = −20 V
118
76
47
mA maximum
VDD = 12 V, VSS = 0 V
90
60
41
mA maximum
VDD = 36 V, VSS = 0 V
116
74
46
mA maximum
8-LEAD LFCSP
θJA = 60.88°C/W
VDD = 15 V, VSS = −15 V
156
92
52
mA maximum
VDD = 20 V, VSS = −20 V
163
95
53
mA maximum
VDD = 12 V, VSS = 0 V
126
78
48
mA maximum
VDD = 36 V, VSS = 0 V
160
93
53
mA maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com