전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5419 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADG5419
상세설명  High Voltage Latch-Up Proof, Single SPDT Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5419 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADG5419 Datasheet HTML 5Page - Analog Devices ADG5419 Datasheet HTML 6Page - Analog Devices ADG5419 Datasheet HTML 7Page - Analog Devices ADG5419 Datasheet HTML 8Page - Analog Devices ADG5419 Datasheet HTML 9Page - Analog Devices ADG5419 Datasheet HTML 10Page - Analog Devices ADG5419 Datasheet HTML 11Page - Analog Devices ADG5419 Datasheet HTML 12Page - Analog Devices ADG5419 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADG5419
Rev. A | Page 9 of 19
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. 8-Lead LFCSP Pin Configuration
Figure 4. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
MSOP
1
1
D
Drain Terminal. This pin can be an input or output.
2
2
SA
Source Terminal. This pin can be an input or an output.
3
3
GND
Ground (0 V) Reference.
4
4
VDD
Most Positive Power Supply Potential.
5
EN
Active High Digital Input. When this pin is low, the device is disabled
and all switches are turned off. When this pin is high, the IN logic input
determines the state of the switch.
6
6
IN
Logic Control Input.
7
7
VSS
Most Negative Power Supply Potential.
8
8
SB
Source Terminal. This pin can be an input or an output.
5
NC
No Connect. Not internally connected.
Not applicable
EPAD
Exposed Pad. Exposed pad tied to substrate, VSS.
Table 8. LFCSP Truth Table
EN
IN
Switch A
Switch B
0
X1
Off
Off
1
0
On
Off
1
1
Off
On
1 X = don’t care.
Table 9. MSOP Truth Table
IN
Switch A
Switch B
0
On
Off
1
Off
On
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
TOP VIEW
(Not to Scale)
ADG5419
3
GND
4
VDD
1
D
2
SA
6IN
5EN
8SB
7VSS
D 1
SA 2
GND 3
VDD 4
SB
8
VSS
7
IN
6
NC
5
NOTES
1. NC = NO CONNECT. NOT INTERNALLY CONNECTED.
ADG5419
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com