전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XR2206CP 데이터시트(PDF) 13 Page - Exar Corporation

부품명 XR2206CP
상세설명  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP 데이터시트(HTML) 13 Page - Exar Corporation

Back Button XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation XR2206CP Datasheet HTML 10Page - Exar Corporation XR2206CP Datasheet HTML 11Page - Exar Corporation XR2206CP Datasheet HTML 12Page - Exar Corporation XR2206CP Datasheet HTML 13Page - Exar Corporation XR2206CP Datasheet HTML 14Page - Exar Corporation XR2206CP Datasheet HTML 15Page - Exar Corporation XR2206CP Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
XR-2206
13
Rev. 1.03
A
0.100
0.200
2.54
5.08
A1
0.015
0.060
0.38
1.52
B
0.014
0.026
0.36
0.66
B1
0.045
0.065
1.14
1.65
c
0.008
0.018
0.20
0.46
D
0.740
0.840
18.80
21.34
E1
0.250
0.310
6.35
7.87
E
0.300 BSC
7.62 BSC
e
0.100 BSC
2.54 BSC
L
0.125
0.200
3.18
5.08
α
0
°
15
°
0
°
15
°
D
B
e
B1
16 LEAD CERAMIC DUAL-IN-LINE
(300 MIL CDIP)
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
18
9
α
c
E1
A
L
A1
Seating
Plane
Base
Plane
16
E
Note: The control dimension is the inch column



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16