전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XR2206CP 데이터시트(PDF) 14 Page - Exar Corporation

부품명 XR2206CP
상세설명  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP 데이터시트(HTML) 14 Page - Exar Corporation

Back Button XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation XR2206CP Datasheet HTML 10Page - Exar Corporation XR2206CP Datasheet HTML 11Page - Exar Corporation XR2206CP Datasheet HTML 12Page - Exar Corporation XR2206CP Datasheet HTML 13Page - Exar Corporation XR2206CP Datasheet HTML 14Page - Exar Corporation XR2206CP Datasheet HTML 15Page - Exar Corporation XR2206CP Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
XR-2206
14
Rev. 1.03
16 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
Rev. 1.00
16
1
9
8
D
e
B1
A1
E1
E
A
L
B
Seating
Plane
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.145
0.210
3.68
5.33
A1
0.015
0.070
0.38
1.78
A2
0.115
0.195
2.92
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
0.745
0.840
18.92
21.34
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100 BSC
2.54 BSC
eA
0.300 BSC
7.62 BSC
eB
0.310
0.430
7.87
10.92
L
0.115
0.160
2.92
4.06
α
0
°
15
°
0
°
15
°
MILLIMETERS
α
A2
C
Note: The control dimension is the inch column
eB
eA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16