전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5952 데이터시트(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5952
상세설명  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 16Page - Texas Instruments LP5952 Datasheet HTML 17Page - Texas Instruments LP5952 Datasheet HTML 18Page - Texas Instruments LP5952 Datasheet HTML 19Page - Texas Instruments LP5952 Datasheet HTML 20Page - Texas Instruments LP5952 Datasheet HTML 21Page - Texas Instruments LP5952 Datasheet HTML 22Page - Texas Instruments LP5952 Datasheet HTML 23Page - Texas Instruments LP5952 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
VIN
48V
VOUT
GND
OFF
OUT
IN
GATE
LM5050-1
GND
GND
Q1
SUM40N10-30
+
R1
100:
CIN
1 PF
75V
D1
SS16T3
COUT
22 PF
63V
D2
SMBJ60A
VS
C1
0.1 PF
100V
S
D
G
D3
SS16T3
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
8.2.6 48-V Application With Reverse Input Voltage (VIN = –48 V) Protection
Figure 31. 48-V Application With Reverse Input Voltage (VIN = –48 V) Protection Schematic
8.2.6.1 Application Curves
Figure 32. Operation With Positive Polarity Input With
Figure 33. Operation With Negative polarity Input With
(VIN = 25 V)
(VIN = –25 V)
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com