전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5952 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5952
상세설명  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments LP5952 Datasheet HTML 13Page - Texas Instruments LP5952 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise stated: VVS = 12 V, VIN = 12 V, VOFF = 0 V, and TJ = 25°C
Figure 15. OFF Pin Thresholds vs Temperature
Figure 16. OFF Pin Pulldown vs Temperature
Figure 18. OFF Pin, ON to OFF Transition
Figure 17. CGATE Charge and Discharge vs OFF Pin
Figure 20. GATE Pin vs (RDS(ON) × IDS)
Figure 19. OFF Pin, OFF to ON Transition
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com