전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4151K 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TPD4151K
상세설명  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4151K 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD4151K Datasheet HTML 3Page - Toshiba Semiconductor TPD4151K Datasheet HTML 4Page - Toshiba Semiconductor TPD4151K Datasheet HTML 5Page - Toshiba Semiconductor TPD4151K Datasheet HTML 6Page - Toshiba Semiconductor TPD4151K Datasheet HTML 7Page - Toshiba Semiconductor TPD4151K Datasheet HTML 8Page - Toshiba Semiconductor TPD4151K Datasheet HTML 9Page - Toshiba Semiconductor TPD4151K Datasheet HTML 10Page - Toshiba Semiconductor TPD4151K Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPD4151K
2014-04-07
7
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VBB
250
V
VCC
20
V
Output current (DC)
Iout
1
A
Output current (pulse)
Ioutp
2
A
Input voltage (except VS)
VIN
-0.5 to VREG + 0.5
V
Input voltage (only VS)
VVS
8.2
V
VREG current
IREG
50
mA
FG voltage
VFG
20
V
FG current
IFG
20
mA
Power dissipation (Tc = 25°C)
PC
23
W
Operating junction temperature
Tjopr
-40 to 135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to 150
°C
In case that the IC is erroneously connected to 200 VAC power supply, it can withstand a voltage of up to 315 V for 1
min under the condition of VS < 1.1 V.
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and
the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com