전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4151K 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TPD4151K
상세설명  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4151K 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD4151K Datasheet HTML 4Page - Toshiba Semiconductor TPD4151K Datasheet HTML 5Page - Toshiba Semiconductor TPD4151K Datasheet HTML 6Page - Toshiba Semiconductor TPD4151K Datasheet HTML 7Page - Toshiba Semiconductor TPD4151K Datasheet HTML 8Page - Toshiba Semiconductor TPD4151K Datasheet HTML 9Page - Toshiba Semiconductor TPD4151K Datasheet HTML 10Page - Toshiba Semiconductor TPD4151K Datasheet HTML 11Page - Toshiba Semiconductor TPD4151K Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TPD4151K
2014-04-07
8
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Operating power supply voltage
VBB
―
50
141
185
V
VCC
―
13.5
15
17.5
Current dissipation
IBB
VBB = 185 V
Duty cycle = 0 %
―
―
0.5
mA
ICC
VCC = 15 V
Duty cycle = 0 %
―
2.0
10
IBS (ON)
VBS = 15 V, high side ON
―
210
470
μA
IBS (OFF)
VBS = 15 V, high side OFF
―
200
415
Hall amp input sensitivity
VHSENS(HA)
―
50
―
―
mVp-p
Hall amp input current
IHB(HA)
―
-2
0
2
μA
Hall amp common input voltage
CMVIN(HA)
―
0
―
8
V
Hall amp hysteresis width
∆
VIN(HA)
―
8
30
62
mV
Hall amp input voltage L→H
VLH(HA)
―
4
15
31
Hall amp input voltage H→L
VHL(HA)
―
-31
-15
-4
Output saturation voltage
VCEsatH
VCC = 15 V, IC = 0.5 A, high side
2.1
2.8
V
VCEsatL
VCC = 15 V, IC = 0.5 A, low side
2.1
2.8
FRD forward voltage
VFH
IF = 0.5 A, high side
2.1
2.7
V
VFL
IF = 0.5 A, low side
2.1
2.7
BSD forward voltage
VF (BSD)
IF = 500 μA
0.8
1.2
V
PWM ON-duty cycle
PWMMIN
―
0
%
PWMMAX
―
100
PWM ON-duty cycle, 0 %
VVS0 %
PWM = 0 %
1.7
2.1
2.5
V
PWM ON-duty cycle, 100 %
VVS100 % PWM = 100 %
4.9
5.4
6.1
V
PWM ON-duty voltage range
VVSW
VVS100 % − VVS0 %
2.8
3.3
3.8
V
Output all-OFF voltage
VVSOFF
Output all OFF
1.1
1.3
1.5
V
Regulator voltage
VREG
VCC = 15 V, IREG = 30 mA
5
6
7
V
Speed control voltage range
VS
―
0
6.5
V
FG output saturation voltage
VFGsat
VCC = 15 V, IFG = 5 mA
0.5
V
Current control voltage
VR
―
0.46
0.5
0.54
V
Current control delay time
Dt
―
4.5
6.5
μs
Thermal shutdown temperature
TSD
―
135
185
°C
Thermal shutdown hysteresis
∆
TSD
―
50
°C
VCC under-voltage protection
VCCUVD
―
10
11
12
V
VCC under-voltage protection recovery
VCCUVR
―
10.5
11.5
12.5
V
VBS under-voltage protection
VBSUVD
―
9
10
11
V
VBS under-voltage protection recovery
VBSUVR
―
9.5
10.5
11.5
V
Refresh operating ON voltage
TRFON
Refresh operation ON
1.1
1.3
1.5
V
Refresh operating OFF voltage
TRFOFF
Refresh operation OFF
3.1
3.8
4.6
V
Triangular wave frequency
fc
R = 27 kΩ, C = 1000 pF
16.5
20
25
kHz
Output-on delay time
ton
VBB = 141 V, VCC = 15 V, IC = 0.5 A
1.8
3
μs
Output-off delay time
toff
VBB = 141 V, VCC = 15 V, IC = 0.5 A
1.4
3
μs
FRD reverse recovery time
trr
VBB = 141 V, VCC = 15 V, IC = 0.5 A
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com