전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0841BCN 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC0841BCN
상세설명  8-Bit P Compatible A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0841BCN 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC0841BCN Datasheet HTML 4Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 5Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 6Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 7Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 8Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 9Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 10Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 11Page - National Semiconductor (TI) ADC0841BCN Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Applications Information (Continued)
The full-scale adjustment should be made [with the proper
V
IN (−) voltage applied] by forcing a voltage to the VIN(+) in-
put which is given by:
where V
MAX=the high end of the analog input range and
V
MIN=the low end (the offset zero) of the analog range. (Both
are ground referenced.)
The V
REF (or VCC) voltage is then adjusted to provide a code
change from FE
HEX to FFHEX. This completes the adjust-
ment procedure.
For an example see the Zero-Shift and Span Adjust circuit
below.
DS008557-11
a) Ratiometric
DS008557-12
b) Absolute with a Reduced Span
FIGURE 1. Referencing Examples
Zero Shift and Span Adjust (2V
≤V
IN≤5V)
DS008557-13
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16