| 전자부품 데이터시트 검색엔진 |
|
ADC0841BCN 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC0841BCN 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 16 page ![]() Absolute Maximum Ratings (Notes 1, 2) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) 6.5V Voltage Logic Control Inputs −0.3V to V CC+0.3V At Other Inputs and Outputs −0.3V to V CC+0.3V Input Current Per Pin (Note 3) ±5mA Input Current Per Package (Note 3) ±20 mA Storage Temperature −65˚C to +150˚C Package Dissipation at T A=25˚C 875 mW Lead Temp. (Soldering, 10 seconds) Dual-In-Line Package (Plastic) Molded Chip Carrier Package Vapor Phase (60 seconds) Infrared (15 seconds) 260˚C 215˚C 220˚C ESD Susceptibility (Note 10) 800V Operating Conditions (Notes 1, 2) Supply Voltage (V CC) 4.5 V DC to 6.0 VDC Temperature Range T MIN≤TA≤TMAX ADC0841BCN, ADC0841CCN 0˚C ≤T A≤70˚C ADC0841BCV, ADC0841CCV −40˚C ≤T A≤85˚C Electrical Characteristics The following specifications apply for V CC=5VDC unless otherwise specified. Boldface limits apply from TMIN to TMAX; all other limits T A=Tj=25˚C. ADC0841BCN, ADC0841CCN ADC0841BCV, ADC0841CCV Parameter Conditions Typ Tested Design Units (Note 6) Limit Limit (Note 7) (Note 8) CONVERTER AND MULTIPLEXER CHARACTERISTICS Maximum Total V REF=5.00 VDC Unadjusted Error (Note 4) ADC0841BCN, BCV ±1⁄2 ±1⁄2 LSB ADC0841CCN, CCV ±1 ±1 LSB Minimum Reference 2.4 1.2 1.1 k Ω Input Resistance Maximum Reference 2.4 5.4 5.9 k Ω Input Resistance Maximum Common-Mode (Note 5) V CC+0.05 V CC+0.05 V Input Voltage Minimum Common-Mode (Note 5) GND−0.05 GND−0.05 V Input Voltage DC Common-Mode Error Differential Mode ±1/16 ±1⁄4 ±1⁄4 LSB Power Supply Sensitivity V CC=5V±5% ±1/16 ±1⁄8 ±1⁄8 LSB Electrical Characteristics The following specifications apply for V CC=5VDC unless otherwise specified. Boldface limits apply from TMIN to TMAX; all other limits T A=Tj=25˚C. ADC0841BCN, ADC0841CCN ADC0841BCV, ADC0841CCV Symbol Parameter Conditions Typ Tested Design Units (Note 6) Limit Limit (Note 7) (Note 8) DIGITAL AND DC CHARACTERISTICS V IN(1) Logical “1” Input V CC=5.25V 2.0 2.0 V Voltage (Min) V IN(0) Logical “0” Input V CC=4.75V 0.8 0.8 V Voltage (Max) I IN(1) Logical “1” Input V IN=5.0V 0.005 1 µA Current (Max) www.national.com 2 |