전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

POD3-R-DFS111 데이터시트(PDF) 2 Page - Hirose Electric

부품명 POD3-R-DFS111
상세설명  Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 Mountable)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

POD3-R-DFS111 데이터시트(HTML) 2 Page - Hirose Electric

  POD3-R-DFS111 Datasheet HTML 1Page - Hirose Electric POD3-R-DFS111 Datasheet HTML 2Page - Hirose Electric POD3-R-DFS111 Datasheet HTML 3Page - Hirose Electric POD3-R-DFS111 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B24
Item
Specification
Condition
1. Contact resistance
Inner
: 10 m ohms max.
Outside : 5 m ohms max.
100 mA max.
2. Insulation resistance
500 M ohms min.
250 V DC
3. Withstanding voltage
No flashover or insulation breakdown.
300 V AC / 1 minute
4. V.S.W.R.(*)
1.3 max.
DC to 3 GHz
5. Female contact retention
0.2 N min.
Measured with a Ø0.3 pin gauge
6. Insertion and withdrawal force (plug)
1.96 N min.
With corresponding connector
7. Durability (Insertion/withdrawal)
Contact resistance: Amount of change 10 m ohms max. 250 cycles
12. Salt spray
No marked corrosion
Exposed to density 5% salt water for 48 hours
8. Vibration
No electrical discontinuity of 1µs or more
No damage, cracks, or parts looseness.
Frequency: 10 to 500 Hz, single amplitude of 0.75 mm or
acceleration of 98 m/s2(peak), 2 hours in each of the 3 directions.
9. Shock
No electrical discontinuity of 1µs or more
No damage, cracks, or parts looseness.
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 10 cycles in each of the 3 axis
10. Humidity (Steady state)
Insulation resistance
100 M ohms min. (at high humidity)
500 M ohms min. (when dry)
No damage, cracks, or parts looseness.
240 hours at temperature of 25ç to 65ç and humidity of
90% to 96%
11. Temperature cycle
No damage, cracks, or parts looseness.
Temperature: -55°C ¡ 5 to 35°C ¡ 85°C ¡ 5 to 35°C
Time:
30 min ¡ Within 5 min ¡ 30 min. ¡ Within 5 min
Cycles:
5
s Product Specifications
s Ordering Information
sMaterials
part
Material
Finish
Body
Brass/Phosphor bronze
Gold and nickel plating/Gold plating
Insulator
PTFE
——————
Female inner contact
Beryllium copper
Gold plating
Male vinnerr contact
Phosphor bronze
Gold plating
Spring coil
Piano wire
Nickel plating
Heat-shrink tubing
Polyolefin
——————
POD3 – [
]
– [
]
qw
e
q Series name: POD3
w Connector types
J
: Jack
R
: Receptacle
PR : Plug receptacle
e Applicable cable or suffix
DFS111: CO-6F FH-SB manufactured by
Hitachi Cable, Ltd.
DFS111-UL1979 manufactured by
Junkosha Co., Ltd.
Network Analyzer
Test Set
Test Port
Test Port Cable
D.U.T
Termination
*Voltage standing wave ratio (V.S.W.R.) measuring system.
The above voltage standing wave ratio (V.S.W.R.) standard value is measured in the measuring system as shown below.
Note1: The cable connector is measured with double ended 10cm cable assembly.
Note2: The printed circuit board connector is mounted on the 50 ohms PCB, to
which Hirose's adaptor is connected.
Ratings
Nominal characteristic impedance
50 ohms
Voltage
100 V AC
Frequency
DC to 3 GHz
Operating temperature
-30C° to +85C°
Operating humidity
95% max.



Html Pages

1 2 3 4