| 전자부품 데이터시트 검색엔진 |
|
PI7C7300D 데이터시트(PDF) 20 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300D 데이터시트(HTML) 20 Page - Pericom Semiconductor Corporation |
|
20 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 20 of 107 Pericom Semiconductor November 2005 - Revision 1.01 Pin # Name Type Pin # Name Type K3 S2_REQ#[0] PIU K4 VSS - K9 VSS - K10 VSS - K11 VSS - K12 VSS - K17 S1_CBE[1] PB K18 S1_PAR PB K19 VSS - K20 S1_SERR# PI L1 S2_GNT#[1] PO L2 S2_CLKOUT[1] PTS L3 S2_CLKOUT[2] PTS L4 S2_GNT#[2] PO L9 VSS - L10 VSS - L11 VSS - L12 VSS - L17 VDD - L18 S1_AD[13] PB L19 S1_AD[14] PB L20 S1_AD[15] PB M1 S2_REQ#[2] PIU M2 S2_REQ#[3] PIU M3 S2_GNT#[3] PO M4 S2_CLKOUT[3] PTS M9 VSS - M10 VSS - M11 VSS - M12 VSS - M17 S1_AD[10] PB M18 VSS - M19 S1_AD[11] PB M20 S1_AD[12] PB N1 VSS - N2 VDD - N3 S2_CLKOUT[4] PTS N4 S2_GNT#[4] PO N17 S1_AD[6] PB N18 S1_AD[7] PB N19 S1_AD[8] PB N20 S1_AD[9] PB P1 S2_REQ#[4] PIU P2 S2_REQ#[5] PIU P3 S2_CLKOUT[5] PTS P4 S2_GNT#[6] PO P17 S1_AD[5] PB P18 VSS - P19 VDD - P20 S1_CBE[0] PB R1 S2_GNT#[5] PO R2 VSS - R3 S2_REQ#[6] PIU R4 ENUM# POD R17 P_AD[0] PB R18 S1_AD[2] PB R19 S1_AD[3] PB R20 S1_AD[4] PB T1 S2_CLKOUT[6] PTS T2 HS_SW PI T3 S2_CLKOUT[7] PTS T4 S2_RESET# PO T17 P_AD[1] PB T18 VSS - T19 S1_AD[0] PB T20 S1_AD[1] PB U1 LOO PO U2 VSS - U3 TRST# PIU U4 AGND - U5 SCAN_EN PID U6 HS_EN PI U7 P_GNT# PI U8 P_AD[26] PB U9 VSS - U10 VDD - U11 P_AD[19] PB U12 P_CBE[2] PB U13 P_TRDY# PB U14 VSS - U15 P_PAR PB U16 P_CBE[1] PB U17 VSS - U18 P_AD[10] PB U19 P_AD[7] PB U20 P_AD[4] PB V1 VDD - V2 TCK PIU V3 TDO PTS V4 SCAN_TM# PI V5 S_CLKIN PI V6 P_CLK PI V7 VDD - V8 P_AD[27] PB V9 P_CBE[3] PB V10 P_AD[22] PB V11 P_AD[20] PB V12 P_AD[16] PB V13 P_IRDY# PB V14 P_LOCK# PSTS V15 VDD - V16 P_AD[15] PB V17 VSS - V18 P_M66EN# PI V19 P_CBE[0] PB V20 P_AD[3] PB W1 TMS PIU W2 TDI PIU W3 S1_EN PIU W4 S2_EN PIU W5 S2_M66EN PI W6 P_REQ# PTS W7 P_AD[30] PB W8 P_AD[28] PB W9 P_AD[24] PB W10 P_AD[23] PB W11 VSS - W12 P_AD[17] PB W13 P_FRAME# PB W14 P_STOP# PSTS |