전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362UM 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 DSP56362UM
상세설명  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362UM 데이터시트(HTML) 5 Page - Motorola, Inc

  DSP56362UM Datasheet HTML 1Page - Motorola, Inc DSP56362UM Datasheet HTML 2Page - Motorola, Inc DSP56362UM Datasheet HTML 3Page - Motorola, Inc DSP56362UM Datasheet HTML 4Page - Motorola, Inc DSP56362UM Datasheet HTML 5Page - Motorola, Inc DSP56362UM Datasheet HTML 6Page - Motorola, Inc DSP56362UM Datasheet HTML 7Page - Motorola, Inc DSP56362UM Datasheet HTML 8Page - Motorola, Inc DSP56362UM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 168 page
background image
MOTOROLA
DSP56362 Advance Information
1
OVERVIEW
FEATURES
Multimode, multichannel decoder software functionality
Dolby Digital and Pro Logic
MPEG2 5.1
–DTS
Bass management
Digital audio post-processing capabilities
3D Virtual surround sound
Lucasfilm THX5.1
Soundfield processing
Equalization
Digital Signal Processing Core
100 MIPS with a 100 MHz clock at 3.3 V +/- 5%
Object code compatible with the DSP56000 core
Highly parallel instruction set
Data arithmetic logic unit (ALU)
Fully pipelined 24 x 24-bit parallel multiplier-accumulator (MAC)
56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and
parsing)
Conditional ALU instructions
24-bit or 16-bit arithmetic support under software control
Program control unit (PCU)
Position independent code (PIC) support
Addressing modes optimized for DSP applications (including immediate offsets)
On-chip instruction cache controller
On-chip memory-expandable hardware stack
Nested hardware DO loops
Fast auto-return interrupts
Direct memory access (DMA)
Six DMA channels supporting internal and external accesses
One-, two-, and three- dimensional transfers (including circular buffering)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com