전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362UM 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 DSP56362UM
상세설명  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362UM 데이터시트(HTML) 6 Page - Motorola, Inc

Back Button DSP56362UM Datasheet HTML 2Page - Motorola, Inc DSP56362UM Datasheet HTML 3Page - Motorola, Inc DSP56362UM Datasheet HTML 4Page - Motorola, Inc DSP56362UM Datasheet HTML 5Page - Motorola, Inc DSP56362UM Datasheet HTML 6Page - Motorola, Inc DSP56362UM Datasheet HTML 7Page - Motorola, Inc DSP56362UM Datasheet HTML 8Page - Motorola, Inc DSP56362UM Datasheet HTML 9Page - Motorola, Inc DSP56362UM Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 168 page
background image
2
DSP56362 Advance Information
MOTOROLA
Overview
Features
End-of-block-transfer interrupts
Triggering from interrupt lines and all peripherals
Phase-locked loop (PLL)
Software programmable PLL-based frequency synthesizer for the core clock
Allows change of low-power divide factor (DF) without loss of lock
Output clock with skew elimination
Hardware debugging support
On-Chip Emulation (OnCE‘) module
Joint Action Test Group (JTAG) test access port (TAP)
Address trace mode reflects internal program RAM accesses at the external port
On-Chip Memories
Modified Harvard architecture allows simultaneous access to program and data memories
30720 x 24-bit on-chip program ROM1 (disabled in 16-bit compatibility mode)
6144 x 24-bit on-chip X-data ROM1
6144 x 24-bit on-chip Y-data ROM1
Program RAM, instruction cache, X data RAM, and Y data RAM sizes are programmable
.
192 x 24-bit bootstrap ROM (disabled in sixteen-bit compatibility mode)
Off-Chip Memory Expansion
Data memory expansion to 256K x 24-bit word memory for P, X, and Y memory using SRAM.
Data memory expansion to 16M x 24-bit word memory for P, X, and Y memory using DRAM.
External memory expansion port( twenty-four data pins for high speed external memory
access allowing for a large number of external accesses per sample)
Chip select logic for glueless interface to SRAMs
On-chip DRAM controller for glueless interface to DRAMs
Peripheral and Support Circuits
Enhanced serial audio interface (ESAI) includes:
Six serial data lines, 4 selectable as receive or transmit and 2 transmit only.
Master or slave capability
•I2S, Sony, AC97, and other audio protocol implementations
1.These ROMs may be factory programmed with data or programs provided by the application developer.
Instruction
Cache
Switch
Mode
Program RAM
Size
Instruction
Cache Size
X Data RAM
Size
Y Data RAM
Size
Disabled
Disabled
3072
× 24-bit
0
5632
× 24-bit
5632
× 24-bit
Enabled
Disabled
2048
× 24-bit
1024
× 24-bit
5632
× 24-bit
5632
× 24-bit
Disabled
Enabled
5120
× 24-bit
0
5632
× 24-bit
3584
× 24-bit
Enabled
Enabled
4096
× 24-bit
1024
× 24-bit
5632
× 24-bit
3584
× 24-bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com