| 전자부품 데이터시트 검색엔진 |
|
TDA9885TS/V3 데이터시트(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9885TS/V3 데이터시트(HTML) 37 Page - NXP Semiconductors |
|
37 / 56 page ![]() 2003 Oct 02 37 Philips Semiconductors Product specification I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators TDA9885; TDA9886 Table 19 Examples to note 22 (FM-PLL filter) Table 20 Input frequencies and carrier ratios BL−3dB (kHz) CS (nF) CP (pF) R (k Ω) ϑ 100 10 390 5.6 0.5 160 10 150 9.1 0.5 DESCRIPTION SYMBOL B/G STANDARD M/N STANDARD L STANDARD L ACCENT STANDARD UNIT VIF carrier fPC 38.9 45.75 or 58.75 38.9 33.9 MHz SIF carrier fSC1 33.4 41.25 or 54.25 32.4 40.4 MHz fSC2 33.158 −−− MHz Picture-to-sound carrier ratio SC1 13 7 10 10 dB SC2 20 −−− dB |