전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBS6-LED5-4 데이터시트(PDF) 101 Page - Lumberg

부품명 ASBS6-LED5-4
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS6-LED5-4 데이터시트(HTML) 101 Page - Lumberg

Back Button ASBS6-LED5-4 Datasheet HTML 97Page - Lumberg ASBS6-LED5-4 Datasheet HTML 98Page - Lumberg ASBS6-LED5-4 Datasheet HTML 99Page - Lumberg ASBS6-LED5-4 Datasheet HTML 100Page - Lumberg ASBS6-LED5-4 Datasheet HTML 101Page - Lumberg ASBS6-LED5-4 Datasheet HTML 102Page - Lumberg ASBS6-LED5-4 Datasheet HTML 103Page - Lumberg ASBS6-LED5-4 Datasheet HTML 104Page - Lumberg ASBS6-LED5-4 Datasheet HTML 105Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
101
AS-Interface
AS-Interface
Modules with Flat Cable and Round Cable Connection, 4 OUT | 8 OUT | 2 IN/2 OUT | 4 IN/3 OUT
0910 ASL 133
0910 ASL 419
0910 ASL 410
0910 ASL 134
0910 ASL 414
4 OUT | M12
AS-Interface Flat Cable Module with 4 Digital Outputs
to Connect Standard Sensors, M12 Socket with M12
Bus Connection.
8 OUT | Version 2.1
AS-Interface Flat Cable Module with 8 Digital Outputs
(0.5 A, Y Connected) to Connect Standard Actuators,
M12 Socket, Infrared Interface for the Addressing.
2 IN/2 OUT | Version 2.1
AS-Interface Flat Cable Module with 2 Digital Inputs
to Connect Standard Sensors and 2 Digital Outputs
to Connect Standard Actuators, M12 Socket, Infrared
Interface for the Addressing.
2 IN/2 OUT | M12
AS-Interface Module with 2 Digital Inputs to
Connect Standard Sensors and 2 Digital Outputs to
Connect Standard Actuators, M12 Socket, M12 Bus
Connection.
4 IN/3 OUT | Version 2.1
AS-Interface Flat Cable Module with 4 Digital Inputs
(Y Connected) to Connect Standard Sensors and 3
Digital Outputs (2 A) to Connect Standard Actuators,
M12 Socket, Infrared Interface for the Addressing and
Support of the Extended Addressing Mode.
Part No.
0910 ASL 133
Part No.
0910 ASL 419
Part No.
0910 ASL 410
Part No.
0910 ASL 134
Part No.
0910 ASL 414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com