전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBS6-LED5-4 데이터시트(PDF) 25 Page - Lumberg

부품명 ASBS6-LED5-4
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS6-LED5-4 데이터시트(HTML) 25 Page - Lumberg

Back Button ASBS6-LED5-4 Datasheet HTML 21Page - Lumberg ASBS6-LED5-4 Datasheet HTML 22Page - Lumberg ASBS6-LED5-4 Datasheet HTML 23Page - Lumberg ASBS6-LED5-4 Datasheet HTML 24Page - Lumberg ASBS6-LED5-4 Datasheet HTML 25Page - Lumberg ASBS6-LED5-4 Datasheet HTML 26Page - Lumberg ASBS6-LED5-4 Datasheet HTML 27Page - Lumberg ASBS6-LED5-4 Datasheet HTML 28Page - Lumberg ASBS6-LED5-4 Datasheet HTML 29Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
25
1/2”-20-Round-Plug Connector
1/2”-20-Cordsets
1/2” UNF-Male Straight
Actuator-/Sensor-Cordsets, Single Ended,
1/2” UNF-Male Straight Connector, 3-Poles, C-Coding
with Threaded Joint and Molded Cable. IP 67 Rated.
Cable Types:
226
= PUR, halogen-free, black
Part No.
RST 3U-226/5 M
RST 3U
1/2”-20-Male Straight
Actuator-/Sensor-Cordsets, Single Ended,
1/2”-20 Male Straight Connector, 3-, 4- and 5-Poles,
Dual Keyway, Yellow PVC Cable. IP 67 Rated.
Color Code:
Automotive
Cable Types:
18 AWG
688 | 689
= PVC, yellow
755
= TPE, yellow
Cable Types:
22 AWG
618 | 674 | 673 = PVC, yellow
664
= PUR, yellow
Color Code:
U.S.
Cable Types:
18 AWG
619
= CPE, yellow
Part No.
RST 3 U-618/6 F
RST 4 U-689/6 F
RST 3 U-618/12 F
RST 4 U-689/12 F
RST 3 U-618/15 F
RST 4 U-689/15 F
RST 3 U-618/20 F
RST 4 U-689/20 F
RST 3 U-619/6 F
RST 4 U-674/6 F
RST 3 U-619/12 F
RST 4 U-674/12 F
RST 3 U-619/15 F
RST 4 U-674/15 F
RST 3 U-619/20 F
RST 4 U-674/20 F
RST 3 U-688/6 F
RST 5 U-673/6 F
RST 3 U-688/12 F
RST 5 U-673/12 F
RST 3 U-688/15 F
RST 5 U-673/15 F
RST 3 U-688/20 F
RST 5 U-673/20 F
RST 3 U-664/6 F
RST 5 U-755/6 F
RST 3 U-664/12 F
RST 5 U-755/12 F
RST 3 U-664/15 F
RST 5 U-755/15 F
RST 3 U-664/20 F
RST 5 U-755/20 F
RST 3 U | RST 4 U | RST 5 U
1/2” UNF-Female Straight
Actuator-/Sensor-Cordsets, Single Ended,
1/2” UNF-Female Straight Connector, 3-Poles,
C-Coding with Threaded Joint and Molded Cable.
IP 67 Rated.
Cable Types:
226
= PUR, halogen-free, black
Part No.
RKT 3U-226/5 M
RKT 3U
Cordsets
Single-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com