전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBS6-LED5-4 데이터시트(PDF) 97 Page - Lumberg

부품명 ASBS6-LED5-4
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS6-LED5-4 데이터시트(HTML) 97 Page - Lumberg

Back Button ASBS6-LED5-4 Datasheet HTML 93Page - Lumberg ASBS6-LED5-4 Datasheet HTML 94Page - Lumberg ASBS6-LED5-4 Datasheet HTML 95Page - Lumberg ASBS6-LED5-4 Datasheet HTML 96Page - Lumberg ASBS6-LED5-4 Datasheet HTML 97Page - Lumberg ASBS6-LED5-4 Datasheet HTML 98Page - Lumberg ASBS6-LED5-4 Datasheet HTML 99Page - Lumberg ASBS6-LED5-4 Datasheet HTML 100Page - Lumberg ASBS6-LED5-4 Datasheet HTML 101Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
97
LioN-Link
Wiring Accessories BusHead
0940 PSL 601
0940 CSL 601
Bus Connection, 5-Poles
Part No.
Description
LioN-Link connection, 5-Poles
Part No.
Description
Power supply connection, 5-Poles
Part No.
Description
0975 254 10...
0975 253 10...
Profibus signal cable, M12, B coded
CAN/DeviceNet signal cable,
Thin Cable, M12
0979 PTX 101
0939 CTX 101
Profibus terminating resistor, M12, B coded
CAN/DeviceNet terminating resistsor, M12
0935 253 10...
CAN/DeviceNet signal cable, Thin Cable, M12
RST 5...
Actuator / sensor cordset,
M12 male connector with molded cable
RK(W)T 5...
Actuator / sensor cordset, M12 female or female
right angle connector with molded cable
RST 5-RKT 5...
Actuator / sensor double-ended cordset,
M12 male to M12 female connector
RSC(W) 5/9
RKC(W) 5/9
Field attachable connector, M12 male or male right angle
connector or M12 female or female right angle connector,
with threaded joint
RKT 5...
RKWT 5...
Actuator / sensor cordset,
M12 female or female right angle connector
with molded cable
0906 UTP 101
T-connector with M12 male/female connector, 5 poles
LioN-Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com