전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBSV4-LED5 데이터시트(PDF) 54 Page - Lumberg

부품명 ASBSV4-LED5
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 데이터시트(HTML) 54 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 50Page - Lumberg ASBSV4-LED5 Datasheet HTML 51Page - Lumberg ASBSV4-LED5 Datasheet HTML 52Page - Lumberg ASBSV4-LED5 Datasheet HTML 53Page - Lumberg ASBSV4-LED5 Datasheet HTML 54Page - Lumberg ASBSV4-LED5 Datasheet HTML 55Page - Lumberg ASBSV4-LED5 Datasheet HTML 56Page - Lumberg ASBSV4-LED5 Datasheet HTML 57Page - Lumberg ASBSV4-LED5 Datasheet HTML 58Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
54
7/8”-Female - 2x7/8” Female/Male
T-Splitter, 3-Poles with One 7/8” Female, One 7/8”
Female and One 7/8” Male Connector, IP 67 Rated.
– especially suitable for DeviceNet and CANopen
modules with 7/8” bus connection –
7/8”-Female - 2x7/8” Female/Male
T-Splitter, 4-Poles with One 7/8” Female, One 7/8”
Male and One 7/8” Female Connector, IP 67 Rated.
– especially suitable for Auxillary Power with
7/8” power connection –
M23-Female - 2xM23 Male/Male
T-Splitter, 6-Poles with One M23 Female, and Two
M23 Male Connectors, IP 67 Rated.
– especially suitable for Profibus and
Interbus modules –
M23-Female - 2xM23 Male/Female
T-Splitter, 12-Poles with One M23 Female, One M23
Male and One M23 Female Connector, IP 67 Rated.
– especially suitable for Profibus Modules with
M23 Bus Connection for separate feeding of Power
Supply (System/Sensor System) and Profibus
signals –
0906 UTP 303
0906 UTP 312
0906 UTP 201
0906 UTP 202
T-Splitters and Adapters
7/8”-T-Distributor, M23-T-Distributor
Part No.
0906 UTP 303
Part No.
0906 UTP 312
Part No.
0906 UTP 201
Part No.
0906 UTP 202
7/8”
7/8” A 7/8” B
7/8”
7/8” A 7/8” B
M12-Female - 2x7/8” Male/Female
T-Splitter, 5-Poles with One M12 Female, One 7/8”
Male and One 7/8” Female Connector, IP 67 Rated.
– especially suitable for DeviceNet modules with
M12 bus connection –
0906 UTP 302
M12
7/8” A 7/8” B
Part No.
0906 UTP 302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More