| 전자부품 데이터시트 검색엔진 |
|
ASBSV4-LED5 데이터시트(PDF) 100 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV4-LED5 데이터시트(HTML) 100 Page - Lumberg |
|
100 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 100 AS-Interface Modules with Flat Cable and Round Cable Connection, 4 IN | 8 IN | 4 OUT 0910 ASL 501 0910 ASL 409 0910 ASL 132 0910 ASL 412 0910 ASL 403 4 IN | Version 2.1 AS-Interface Module with 4 Digital Inputs to Connect M8 Standard Sensors, M8 Bus Connection. 4 IN | Version 2.1 AS-Interface Flat Cable Module with 4 Digital Inputs to Connect Standard Sensors, M12 Socket with Infrared Interface for the Addressing. 4 IN | M12 AS-Interface Flat Cable Module with 4 Digital Inputs to Connect Standard Sensors, M12 Socket with M12 Bus Connection. 8 IN | Version 2.1 AS-Interface Flat Cable Module with 8 Digital Inputs to Connect Standard Sensors, M12 Socket with Infrared Interface for the Addressing. 4 OUT AS-Interface Flat Cable Module with 4 Digital Outputs to Connect Standard Sensors, M12 Socket. Part No. 0910 ASL 501 Part No. 0910 ASL 409 Part No. 0910 ASL 132 Part No. 0910 ASL 412 Part No. 0910 ASL 403 |